Part Number Hot Search : 
QI2NA90 ASI10602 79HGSC DDZX9700 BCR16A AD811 88M009 228M00
Product Description
Full Text Search
 

To Download BCP5400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCP54
BCP54
C
E C B
SOT-223
NPN General Purpose Amplifier
This device is designed for general purpose medium power amplifiers and switching circuits requiring collector currents to 1.2 A. Sourced from Process 38.
Absolute Maximum Ratings*
Symbol
VCEO VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
45 45 5.0 1.5 -55 to +150
Units
V V V A C
3
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient
Max
BCP54 1.5 12 83.3
Units
W mW/C C/W
1997 Fairchild Semiconductor Corporation
BCP54
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICBO IEBO Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current Emitter-Cutoff Current IC = 10 mA, IB = 0 IC = 100 A, IE = 0 IE = 10 A, IC = 0 VCB = 30 V, IE = 0 VCB = 30 V, IE = 0, TA = 125C VEB = 5.0 V, IC = 0 45 45 5.0 100 10 10 V V V nA A A
ON CHARACTERISTICS
hFE DC Current Gain IC = 5.0 mA, VCE = 2.0 V IC = 150 mA, VCE = 2.0 V IC = 500 mA, VCE = 2.0 V IC = 500 mA, IB = 50 mA IC = 500 mA, VCE = 2.0 V 25 40 25 250 0.5 1.0 V V
VCE(sat) VBE(on)
Collector-Emitter Saturation Voltage Base-Emitter On Voltage
Typical Characteristics
500 400 300
25 C
VCESAT - COLLE CTOR-EMITTER VOLTAGE (V)
h FE - TYP ICAL PULSED CURRE NT GAIN
Typical Pulsed Current Gain vs Collector Current
VCE = 5V
Collector-Emitter Saturation Voltage vs Collector Current
0.6 0.5 0.4 0.3 0.2 0.1 0 0.01
- 40 C 25C 125 C
= 10
125 C
200 100 0 0.001
- 40 C
0.01 0.1 I C - COLLECTOR CURRENT (A)
1
2
0.1 1 I C - COLLE CTOR CURRENT (A)
3
BCP54
NPN General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
VBE(O N)- BASE-E MITTER ON VOLTAGE (V)
V BESAT - BASE-EMITTER VOLTAG E (V)
Base-Emitter Saturation Voltage vs Collector Current
1.2 1 0.8 0.6
125 C - 40 C 25C
Base-Emitter ON Voltage vs Collector Current
1
= 10
0.8
- 40 C 25C
0.6
125 C
0.4
0.4 0.2
VCE = 5V
1 IC
10 100 - COLLE CTOR CURRENT ( mA)
1000
0.2 0.001
0.01 0.1 I C - COLLE CTOR CURRENT (A)
1
COLLECTOR-BASE CAPACITANCE (pF)
Collector-Cutoff Current vs Ambient Temperature
I CBO - COLLECTOR CURRENT (nA) 100
VCB= 40V
Collector-Base Capacitance vs Collector-Base Voltage
40
10
30
3
20 10
1
0.1
25
50 75 100 125 T A - AMBIENT TE MPE RATURE (C)
150
OBO -
0 0 4 8 12 16 20 24 28
VCB - COLLECTOR-BASE VOLTAGE (V)
h FE - GAIN BANDWIDTH PRODUCT (MHz)
Gain Bandwidth Product vs Collector Current
500 V CE = 10V 400 300 200 100 0
PD - POWER DISSIPATION (W) 1.5 1.25
Power Dissipation vs Ambient Temperature
SOT-223
1 0.75 0.5 0.25 0
1
10 100 I C - COLLECTOR CURRENT (mA)
1000
0
25
50 75 100 TEMPERATURE (o C)
125
150
SOT-223 Tape and Reel Data
SOT-223 Packaging Configuration: Figure 1.0
Customized Label
Packaging Description:
SOT-223 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 2,500 units per 13" or 330cm diameter reel. The reels are dark blue in color and is made of polystyrene plastic (antistatic coated). Other option comes in 500 units per 7" or 177cm diameter reel. This and some other options are further described in the Packaging Information table. These full reels are individually barcode labeled and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. One box contains two reels maximum. And these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped.
F63TNR Label Antistatic Cover Tape
Static Dissipative Embossed Carrier Tape
F852 014
SOT-223 Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Standard (no flow code) TNR 2,500 13" Dia 343x64x343 5,000 0.1246 0.7250 D84Z TNR 500 7" Dia 184x187x47 1,000 0.1246 0.1532
F852 014
F852 014
F852 014
SOT-223 Unit Orientation
343mm x 342mm x 64mm Intermediate box for Standard
F63TNR Label
F63TNR Label 184mm x 184mm x 47mm Pizza Box for D84Z Option
F63TNR Label sample
LOT: CBVK741B019 FSID: PN2222A QTY: 3000 SPEC:
SOT-223 Tape Leader and Trailer Configuration: Figure 2.0
D/C1: D9842 D/C2:
QTY1: QTY2:
SPEC REV: CPN: N/F: F
(F63TNR)3
Carrier Tape Cover Tape
Components Trailer Tape 300mm minimum or 38 empty pockets Leader Tape 500mm minimum or 62 empty pockets
(c)2000 Fairchild Semiconductor International
September 1999, Rev. B
SOT-223 Tape and Reel Data, continued
SOT-223 Embossed Carrier Tape Configuration: Figure 3.0
T E1
P0
D0
F K0 Wc B0 E2 W
Tc A0 P1 D1
User Direction of Feed
Dimensions are in millimeter Pkg type SOT-223 (12mm)
A0
6.83 +/-0.10
B0
7.42 +/-0.10
W
12.0 +/-0.3
D0
1.55 +/-0.05
D1
1.50 +/-0.10
E1
1.75 +/-0.10
E2
10.25 min
F
5.50 +/-0.05
P1
8.0 +/-0.1
P0
4.0 +/-0.1
K0
1.88 +/-0.10
T
0.292 +/0.0130
Wc
9.5 +/-0.025
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum Typical component cavity center line
0.5mm maximum
B0 20 deg maximum component rotation
0.5mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0 Sketch B (Top View)
Typical component center line
Sketch C (Top View)
Component lateral movement
SOT-223 Reel Configuration: Figure 4.0
Component Rotation
W1 Measured at Hub
Dim A Max
Dim A max
Dim N
See detail AA
7" Diameter Option
B Min Dim C See detail AA W3
Dim D min
13" Diameter Option
W2 max Measured at Hub DETAIL AA
Dimensions are in inches and millimeters
Tape Size
12mm
Reel Option
7" Dia
Dim A
7.00 177.8 13.00 330
Dim B
0.059 1.5 0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2 512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2 0.795 20.2
Dim N
5.906 150 7.00 178
Dim W1
0.488 +0.078/-0.000 12.4 +2/0 0.488 +0.078/-0.000 12.4 +2/0
Dim W2
0.724 18.4 0.724 18.4
Dim W3 (LSL-USL)
0.469 - 0.606 11.9 - 15.4 0.469 - 0.606 11.9 - 15.4
12mm
13" Dia
July 1999, Rev. B
SOT-223 Package Dimensions
SOT-223 (FS PKG Code 47)
1:1
Scale 1:1 on letter size paper
Part Weight per unit (gram): 0.1246
(c)2000 Fairchild Semiconductor International
September 1999, Rev. C
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of BCP5400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X